Part Number Hot Search : 
P6KE20 MAJ110 AS5040 03EDK3 M2432 LM393A TX715 ILSB1206
Product Description
Full Text Search
 

To Download HCP1500PS12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  acdc specification 6503000 watts ? high efficiency up to 91% ? high power density ? programmable output voltage (30%105%) ? programmable output current (40%105%) ? parallel operation ? fully featured signals & controls ? 3 year warranty hcp series input input voltage ? 90-264 vac (127-370 vdc), see derating curves input frequency ? 47-63 hz input current ? 650 w: 7.5 a/3.5 a typical, 1000 w: 12 a/5 a typical, 1500 w: 18 a/9 a typical, 3000 w: 36 a/18 a typical at 115/230 vac inrush current ? 650/1000 w: 27 a/54 a typical 1500 w: 30 a/45 a typical 3000 w: 60 a/90 a typical at 115/230 vac power factor ? 0.99/0.98, typical at 115/230 vac full load earth leakage current ? <1.0 ma (3 kw: <2.5 ma) at 240vac/60 hz output output voltage ? see model table output trim ? 5.0% by potentiometer output voltage program ? 30-105% of rated output (see app. notes) output current program ? 40-105% of rated output (see app. notes) initial set accuracy ? 1% minimum load ? no minimum load required start up delay ? 650 w/1000 w: 800 ms max. 1500 w/3000 w: 1 s max. start up rise time ? 650 w: 90 ms max. at full load 1000 w: 100 ms max. at full load 1500 w/3000 w: 350 ms max. at full load hold up time ? 16 ms (3000 w: 20 ms) typ. at 230 vac and full load line regulation ? 0.5% load regulation ? v1: 0.5%, 5 v standby output: 3% transient response ? <1% for a 25% step load change ripple & noise ? 150 mv pk-pk all voltages (see note 1) overvoltage protection ? tracks output voltage. 115-135% of set voltage. recycle ac to reset overtemperature ? auto recovery protection overload protection ? 105-125% of output power. constant power to 75% of set output voltage then output shuts down, recycle ac to reset short circuit protection ? output latches off, recycle ac to reset temp. coefficient ? 0.02%/?c (0-50 ?c) remote sense ? compensates for 0.5 v max voltage drop. (see app. notes) enable ? output must be enabled (see app. notes) current share ? 5 supplies can share within 5% standby output ? see model table xppower.com general efficiency ? see model table isolation ? 3000 vac input to output, 1500 vac input to ground, 500 vdc output to ground isolation resistance ? 100 m /500 vdc switching frequency ? pfc 100 khz typical, pwm 65 khz typical power density ? 650 w: 8.2 w/in 3 1000 w: 11.1 w/in 3 1500 w/3000 w: 10.8 w/in 3 signals & controls ? see app. notes mtbf ? 650 w: 160 khrs, 1000 w: 140 khrs, 1500 w/3000 w: 100 khrs to mil-hdbk-217f at 25 ?c, gb environmental operating temperature ? -25 ?c to 60 ?c, see derating curves cooling ? internal fan fitted. speed increases with load and internal temperature operating humidity ? 20-90% r.h. non-condensing storage temperature ? -40 ?c to +85 ?c storage humidity ? 10-95% r.h. vibration ? 10-500 hz, 5 g 10 min/cycle, 60 min period for each axis. compliant to iec68-2-16, iec 68-2-64 emc & safety emissions ? en55022 class b conducted & radiated harmonic currents ? en61000-3-2 class a, 650 & 1000 w: en61000-3-2 class c for loads 10%, 1500 w: en61000-3-2 class c for loads 40%, 3000 w: en61000-3-2 class c for loads 30% voltage flicker ? en61000-3-3 esd immunity ? en61000-4-2, 4 kv contact, 8 kv air discharge, perf criteria a radiated immunity ? en61000-4-3, 3 v/m, perf criteria a eft/burst ? en61000-4-4, level 2, perf criteria a surge ? en61000-4-5, installation class 3, perf criteria a conducted immunity ? en61000-4-6, perf criteria a magnetic field ? en61000-4-8, perf criteria a dips & interruptions ? en61000-4-11, 30% 10 ms, 60% 100 ms, >95% 5000 ms, perf criteria a, b, b safety approvals ? ul60950-1, en60950-1 (all models) csa c22.2 no. 60950-1 (650 w/1000 w only)
load (%) ambient temperature () 0 10 30 50 -25 0 20 40 60 80 100 40 60 70 80 20 load (%) input voltage (vac) 100 90 60 70 80 90 100 120 264 110 hcp650 models and ratings output power output voltage v1 output current standby output (3) efficiency (2) model number min max 500 w 5.0 vdc 0.0 a 100.0 a 5 v/0.5 a 83% hcp650ps05 600 w 12.0 vdc 0.0 a 50.0 a 5 v/0.5 a 88% hcp650ps12 600 w 15.0 vdc 0.0 a 40.0 a 5 v/0.5 a 88% hcp650ps15 650 w 24.0 vdc 0.0 a 27.0 a 5 v/0.5 a 90% hcp650ps24 650 w 27.0 vdc 0.0 a 24.0 a 5 v/0.5 a 90% hcp650ps27 650 w 48.0 vdc 0.0 a 13.6 a 5 v/0.5 a 91% hcp650ps48 mechanical details notes 1. ripple & noise is measured with 20 mhz bandwidth and using 12 twisted pair-wire terminated with 0.1 f & 47 f capacitors in parallel. 2. measured with 230 vac input and full load. 3. present whenever ac is applied. derating curve thermal derating curve input derating curve 1.61 (40.9) 0.55 (14.0) 1.46 (37.0) 1.06 (26.9) 0.98 (25.0) 0.32 (8.0) 8.70 (221.0) 0.45 (11.5) 3-m4 (both sides) max length = 6 mm 0.81 (20.5) airflow 3-m4 max length = 4 mm 7.80 (198.0) 9.80 (249.0) m6 voltage adj. +v -v l n e led cn9 2 1 16 15 2.52 (64.0) 2.91 (74.0) 5.00 (127.0) control pin connections pin function description pin function description 1 vs+ remote sense (+) 9 en- enable on/off (-) 2 vo+ local sense (+) 10 gnd signal ground 3 vs- remote sense (-) 11 pwm (p-ok) pwm is switching 4 vo- local sense (-) 12 gnd signal ground 5 5 v sb (aux) 5 v standby output (+) 13 vci v program 6 5 v sb (aux) 5 v standby output (+) 14 gnd signal ground 7 en+ enable on/off (+) 15 cs current share 8 gnd signal ground 16 aci i program notes 1. all dimensions are in inches (mm). 2. weight 4.0 lb (1.8 kg) 3. signals mating connector: phdr-16vs housing, sphd-002t-p05 contacts acdc
hcp1000 models and ratings output power output voltage v1 output current standby output (3) efficiency (2) model number min max 750 w 12.0 vdc 0.0 a 62.0 a 5 v/0.5 a 87% hcp1000ps12 750 w 15.0 vdc 0.0 a 50.0 a 5 v/0.5 a 88% hcp1000ps15 960 w 24.0 vdc 0.0 a 40.0 a 5 v/0.5 a 89% hcp1000ps24 1000 w 27.0 vdc 0.0 a 37.0 a 5 v/0.5 a 89% hcp1000ps27 1000 w 48.0 vdc 0.0 a 21.0 a 5 v/0.5 a 90% hcp1000ps48 mechanical details notes 1. all dimensions are in inches (mm). 2. weight 4.6 lb (2.1 kg) 3. signals mating connector: phdr-16vs housing, sphd-002t-p05 contacts notes 1. ripple & noise are measured with 20 mhz bandwidth and using 12 twisted pair-wire terminated with 0.1 f & 47 f capacitors in parallel. 2. measured with 230 vac input and full load. 3. present whenever ac is applied. derating curve thermal derating curve input derating curve 1.61 (40.9) m6 voltage adj. +v -v l n e led 5.00 (127.0) 0.55 (14.0) 1.77 (45.0) 1.05 (26.7) 0.98 (25.0) 0.32 (8.0) 10.04 (255.0) 0.45 (11.5) 3-m4 (both sides) max length = 6 mm 0.81 (20.5) airflow 3-m4 max length = 4 mm 8.82 (224.0) 11.14 (283.0) 2.91 (74.0) 2.51 (63.7) cn9 2 1 16 15 control pin connections pin function description pin function description 1 vs+ remote sense (+) 9 en- enable on/off (-) 2 vo+ local sense (+) 10 gnd signal ground 3 vs- remote sense (-) 11 pwm (p-ok) pwm is switching 4 vo- local sense (-) 12 gnd signal ground 5 5 v sb (aux) 5 v standby output (+) 13 vci v program 6 5 v sb (aux) 5 v standby output (+) 14 gnd signal ground 7 en+ enable on/off (+) 15 cs current share 8 gnd signal ground 16 aci i program tpu v txu d ed gd id afi d fd hd kd md edd hd kd ld md fd tpu tvxu edd nd kd ld md nd edd efd fkh eed acdc
hcp1500 models and ratings output power output voltage v1 output current standby output (3) efficiency (2) model number min max 1500 w 12.0 vdc 0.0 a 125.0 a 5 v/0.5 a 87% HCP1500PS12 1500 w 15.0 vdc 0.0 a 100.0 a 5 v/0.5 a 88% hcp1500ps15 1500 w 24.0 vdc 0.0 a 62.5 a 5 v/0.5 a 89% hcp1500ps24 1500 w 27.0 vdc 0.0 a 55.5 a 5 v/0.5 a 89% hcp1500ps27 1500 w 48.0 vdc 0.0 a 31.3 a 5 v/0.5 a 90% hcp1500ps48 mechanical details notes 1. all dimensions are in inches (mm). 2. weight 7.1 lb (3.2 kg) 3. signals mating connector is dinkle ec350v-10p or equivalent. wire gauge 28-14 awg. notes 1. ripple & noise are measured with 20 mhz bandwidth and using 12 twisted pair-wire terminated with 0.1 f & 47 f capacitors in parallel. 2. measured with 230 vac input and full load. 3. present whenever ac is applied. thermal derating curve for HCP1500PS12/15 for hcp1500ps24/27/48 1 2 3 123567891 04 9.33 (237.0) 9.84 (250.0) 12.31 (312.7) 1.34 (34.0) 0.59 (15.0) 2.5 (63.5) 0.57 (14.5) 0.57 (14.5) 1.38 (35.0) 3.86 (98.0) 5.0 (127.0) 0.22 (5.6) ? 0.31 (? 8.0) l n e +v -v 4-m4, max length = 4 mm 4-m4, max length = 4 mm airflow voltage adj. load (%) ambient temperature () 0 10 30 50 -25 0 20 40 60 80 100 40 60 70 80 20 1 2 3 4 5 90 vac 100 vac 110 vac 120 vac >140 vac 1 2 3 4 5 1 2 3 4 5 load (%) ambient temperature () 0 -25 10 30 50 60 0 20 40 60 80 100 40 60 80 20 90 vac 100 vac 110 vac 120 vac >135 vac 1 2 3 4 5 control pin connections pin function description pin function description 1 vs+ remote sense (+) 6 gnd signal ground 2 vs- remote sense (-) 7 pwm (p-ok) pwm is switching 3 5 v sb (aux) 5 v standby output (+) 8 vci v program 4 en+ enable (+) 9 aci i program 5 en- enable (-) 10 cs current share acdc
hcp3000 models and ratings output power output voltage v1 output current standby output (3) efficiency (2) model number min max 3000 w 12.0 vdc 0.0 a 250.0 a 5 v/0.5 a 87% hcp3000ps12 3000 w 15.0 vdc 0.0 a 200.0 a 5 v/0.5 a 88% hcp3000ps15 3000 w 24.0 vdc 0.0 a 125.0 a 5 v/0.5 a 89% hcp3000ps24 3000 w 27.0 vdc 0.0 a 111.1 a 5 v/0.5 a 89% hcp3000ps27 3000 w 48.0 vdc 0.0 a 62.5 a 5 v/0.5 a 90% hcp3000ps48 mechanical details notes 1. all dimensions are in inches (mm). 2. weight 14.6 lb (6.6 kg) 3. signals connector is dinkle ec350v-12p or equivalent. wire gauge 28-14 awg. notes 1. ripple & noise are measured with 20 mhz bandwidth and using 12 twisted pair-wire terminated with 0.1 f & 47 f capacitors in parallel. 2. measured with 230 vac input and full load. 3. present whenever ac is applied. derating curve 123 123 45 6 7 89101112 9.84 (250.0) 5.0 (127.0) 10.04 (255.0) 12.01 (305.0) 13.39 (340.0) 1.43 (36.2) -v +v ?0.31 (?8.0) 0.54 (13.8) 0.22 (5.7) airflow 4-m4, max length = 4 mm 4-m4, max length = 4 mm 0.54 (13.8) 3.86 (98.0) 5.0 (127.0) e n l 0.56 (14.1) 1.06 (27.0) 3.62 (92.0) voltage adj. control pin connections pin function description pin function description 1 vo+ local sense (+) 7 en- enable (-) 2 vs+ remote sense (+) 8 gnd signal ground 3 vs- remote sense (-) 9 pwm (p-ok) pwm is switching 4 vo- local sense (-) 10 vci v program 5 5 v sb (aux) 5 v standby output(+) 11 aci i program 6 en+ enable (+) 12 cs current share for hcp3000ps12/15 for hcp3000ps24/27/48 0 20 40 60 80 100 -25 0 10 30 50 70 20 40 60 90 vac 100 vac 110 vac 120 vac >145 vac 1 2 3 4 5 ambient temperature () load (%) load (%) ambient temperature () 1 2 3 4 5 0 20 40 60 80 100 -25 0 2010 30 50 40 60 70 1 2 3 4 5 90 vac 100 vac 110 vac 120 vac >150 vac 1 2 3 4 5 acdc
hcp series led status application notes led status output status solid (green) dc output ok slow blink (green) output not enabled fast blink (red) over voltage solid (red) over loaded short circuited under voltage (<70% of output voltage) slow blink (red) over temperature intermittent blink (red) fan fail short & long blink (red) 5 v standby failure remote enable (unit supplied enabled) remote sense local sense pwm signal off power off power on on (a) using internal 5 v standby 2k 5 v sb en+ en- gnd sw 5v low power off power on high (b) using external by transistor 2k gnd 5 v sb en+ en- gnd 5v low/h pwm power supply signal connector 330r gnd 5 v standby pwm switching (low) pwm not switching (high) + - load vs- vo- aux vo+ vs+ en+ en- gnd cs + - load vs- vo- aux vo+ vs+ en+ en- gnd must be used if remote sense is not required. acdc
hcp series application notes output voltage program 1.2 30 1.5 2.0 2.5 40 50 70 60 80 90 100 105 4.84.54.03.53.0 v tu p t u o )%(e gatl o externa lv oltage (vdc) - all models 6.6 open 30 70 90 100 outp u t vo ltage ( %) 16.9 39.8 137 640 2400 50 gnd pin vci pin 1.2-4.8 v gnd pin vci pin 5.6 k - 156 k external resistor (k ) - hcp650/1000 external resistor (k ) - hcp1500 output voltage (%) output voltage (%) 90 100 85 75 30 5.6 50 100 156 open gnd pin vci pin 6.6 k - 640 k external resistor (k ) - hcp3000 gnd pin vci pin 14.3 k - 2400 k 14.3 open 30 70 85 90 100 50 38.6 92 327 2400 2000 )%( externa lv oltage (vdc) - all models gnd pin aci pin 1.6-4.2 v gnd pin aci pin 11.5 k - 200 k external resistor (k ) - hcp650/1000 output current (%) 1.6 2.0 2.5 3.0 3.5 4.0 4.2 4.5 5.0 40 50 output current 70 60 80 90 100 105 90 100 85 75 30 5.6 50 100 156 open output current program acdc
10-feb-14 hcp series application notes ( %) external resistor (k ) - hcp1500 output current (%) gnd pin aci pin 1.7 k - 56 k external resistor (k ) - hcp3000 gnd pin aci pin 0.91 k - 25 k output current 0.91 2.0 5.1 open 40 60 80 100 25 1.7 open 40 60 80 100 56 3.3 9.22 output current program + - + - vs- vo- aux vo+ vs+ en+ en- gnd cs + - vs- vo- aux vo+ vs+ en+ en- gnd cs vs- vo- aux vo+ vs+ en+ en- gnd cs load vs- vo- aux vo+ vs+ en+ en- gnd cs vs- vo- aux vo+ vs+ en+ en- gnd cs vs- vo- aux vo+ vs+ en+ en- gnd cs current sharing with remote sensing current sharing with local sensing notes in parallel operation, it is possible that only one unit will operate if the load is less than 5% of the combined rated output load. it is possible to have more than five units in parallel, contact sales for details. acdc


▲Up To Search▲   

 
Price & Availability of HCP1500PS12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X